PART |
Description |
Maker |
CS495303-CVZ CS495303-DVZ CS495313-CQZ CS495313-CV |
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
|
Cirrus Logic
|
CS48520 |
32-bit Audio Decoder DSP Family
|
Cirrus Logic
|
CS4953XX08 CS495303-CVZ CS495303-DVZ CS495313-CQZ |
Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:144-LQFP; Leaded Process Compatible:Yes; MIPS:200; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP144 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Supply Voltage Max:3.3V; Package/Case:144-LQFP; Leaded Process Compatible:Yes; MIPS:200; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 32-bit Audio Decoder DSP Family
|
CIRRUS LOGIC INC Cirrus Logic, Inc.
|
CS495303-CVZ CS495313-CQZ CS495313-CVZ CS495304-CV |
Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Supply Voltage Max:3.3V; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:3.3V RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP144 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:3.3V RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 COLOR SIGNAL DECODER, PQFP128 LEAD FREE, LQFP-128 DSP - Audio IC 32-bit Decodr DSP w/Dual DSP Engine
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
ATSAM3103 |
Versatile Low-power Audio DSP/Low-cost Effect DSP The ATSAM3103 is a member of the new ATSAM3000 family that uses DSP array technology. ... ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP From old datasheet system
|
ATMEL[ATMEL Corporation]
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
ADSP-2183KST-133 ADSP-2183BST-133 ADSP-2183KST-210 |
24-BIT, 20 MHz, OTHER DSP, PQFP128 LM2941/LM2941C 1A Low Dropout Adjustable Regulator; ; Container: Tray DSP Microcomputer 24-BIT, 14.4 MHz, OTHER DSP, PQFP128
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AK7746 AK7746VT |
Audio DSP with 5-channel 24-bit ADC and Input Mux
|
Asahi Kasei Microsystems
|
DSP56004UM/AD DSP56004/D DSP56004FJ81 DSP56004ROM |
SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
|
飞思卡尔半导体(中国)有限公司
|
DSP56004 |
SYMPHONY? AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
|
Motorola
|
CS49500 CS49510 CS49520 |
New Audio DSP Delivers High-End Performance Powerful 32-bit Dual Coyote32 Core (1440 MOPS)
|
Cirrus Logic, Inc.
|
ADSP-21MSP50AKG-52 ADSP-21MSP56AKS-52 ADSP-21MSP55 |
24-BIT, 13 MHz, MIXED DSP, CPGA144 PGA-144 24-BIT, 13 MHz, OTHER DSP, PQFP100 PLASTIC, QFP-100
|
Analog Devices, Inc.
|